| 전자부품 데이터시트 검색엔진 |
|
STM32L4+ 데이터시트(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4+ 데이터시트(HTML) 13 Page - STMicroelectronics |
|
13 / 33 page ![]() Embedded SRAM Memory Mapping • Up to 640KB, All SRAMs are contiguous 12 0x1001 0000 STM32L4Rxxx/4Sxxx (640 Kbytes) SRAM1 (192 Kbyte) SRAM2 (64 Kbyte) SRAM3 (384 Kbyte) STM32L476/L486 (128 Kbytes) GFXMMU Virtual Buffer SRAM1 (96 Kbyte) 0x2000 0000 0x200A 0000 0x2004 0000 0x3000 0000 0x4000 0000 0x1000 0000 0x2003 0000 0x1000 8000 0x2000 0000 0x4000 0000 0x1000 0000 0x2001 8000 SRAM2 ( 64 Kbyte) SRAM2 ( 32 Kbyte) 0x1001 0000 SRAM1 (128 Kbyte) SRAM2 (64 Kbyte) SRAM3 (128 Kbyte) GFXMMU Virtual Buffer 0x2000 0000 0x2005 0000 0x2003 0000 0x3000 0000 0x4000 0000 0x1000 0000 0x2002 0000 SRAM2 ( 64 Kbyte) STM32L4P5xx/4Q5xx (320 Kbytes) The STM32L4+ Series devices feature an additional SRAM3. Compared to STM32L476xx/486xx devices, the SRAM2 is contiguous to the SRAM1 and it is still mapped at 0x1000 0000 address. 12 |