| 전자부품 데이터시트 검색엔진 |
|
MPFS250TLS-1FCG484I 데이터시트(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MPFS250TLS-1FCG484I 데이터시트(HTML) 9 Page - Microchip Technology |
|
9 / 50 page ![]() ...........continued Features MPFS025T MPFS095T MPFS160T MPFS250T MPFS460T Packaging Type/Size/ Pitch MSS IO/HSIO/GPIO/XCVRs FCSG325 (11x11, 11x14.5*, 0.5 mm) 102/32/48/2 102/32/48/2 — — — FCSG536 (16x16, 0.5 mm) — 136/60/108/4 136/60/108/4 136/60/108/4 — FCVG484 (19x19, 0.8 mm) 136/60/48/4 136/60/48/4 136/60/84/4 136/60/84/4 — FCVG784 (23x23, 0.8 mm) — 136/144/132/4 136/144/168/8 136/144/180/8 — FCG1152 (35x35, 1.0 mm) — — — 136/144/228/16 136/180/288/20 Notes: 1. Devices in the same package type are pin compatible. 2. Extended Commercial and Industrial temperature grade devices are available in Green RoHS packages. Product Family Table © 2021 Microchip Technology Inc. and its subsidiaries Overview DS60001656C-page 9 |