| 전자부품 데이터시트 검색엔진 |
|
STM32G0B1VC 데이터시트(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0B1VC 데이터시트(HTML) 51 Page - STMicroelectronics |
|
51 / 159 page ![]() - - 22 22 H3 30 30 G6 36 49 M11 PB10 I/O FT_fa - CEC, LPUART1_RX, TIM2_CH3, USART3_TX, SPI2_SCK/I2S2_CK, I2C2_SCL, COMP1_OUT ADC_IN11 - - 23 23 F5 31 31 H8 37 50 L11 PB11 I/O FT_fa - SPI2_MOSI/I2S2_SD, LPUART1_TX, TIM2_CH4, USART3_RX, I2C2_SDA, COMP2_OUT ADC_IN15 - - 24 24 E6 32 32 G7 38 51 K10 PB12 I/O FT_fa - SPI2_NSS/I2S2_WS, LPUART1_RTS_DE, TIM1_BKIN, FDCAN2_RX, TIM15_BKIN, UCPD2_FRSTX, EVENTOUT, I2C2_SMBA ADC_IN16 - - 25 25 H1 33 33 G8 39 52 M12 PB13 I/O FT_f - SPI2_SCK/I2S2_CK, LPUART1_CTS, TIM1_CH1N, FDCAN2_TX, USART3_CTS, TIM15_CH1N, I2C2_SCL, EVENTOUT - - - 26 26 G2 34 34 F6 40 53 K11 PB14 I/O FT_f - SPI2_MISO/I2S2_MCK, UCPD1_FRSTX, TIM1_CH2N, USART3_RTS_DE_CK, TIM15_CH1, I2C2_SDA, EVENTOUT, USART6_RTS_DE_CK - - 172727 F3 3535 F7 41 54 J10 PB15 I/O FT_fc (3) SPI2_MOSI/I2S2_SD, TIM1_CH3N, TIM15_CH1N, TIM15_CH2, EVENTOUT, USART6_CTS UCPD1_CC2, RTC_REFIN 18 18 28 28 F1 36 36 F8 42 55 L12 PA8 I/O FT_fc (3) MCO, SPI2_NSS/I2S2_WS, TIM1_CH1, CRS1_SYNC, LPTIM2_OUT, EVENTOUT, I2C2_SMBA UCPD1_CC1 19 19 29 29 E4 37 37 E6 43 56 H10 PA9 I/O FT_fd (3) MCO, USART1_TX, TIM1_CH2, SPI2_MISO/I2S2_MCK, TIM15_BKIN, I2C1_SCL, EVENTOUT, I2C2_SCL UCPD1_DBCC1 20 - 30 - D5 38 38 E7 44 57 J11 PC6 I/O FT - UCPD1_FRSTX, TIM3_CH1, TIM2_CH3, LPUART2_TX - - - 31 - D3 39 39 E5 45 58 K12 PC7 I/O FT - UCPD2_FRSTX, TIM3_CH2, TIM2_CH4, LPUART2_RX - Table 12. Pin assignment and description (continued) Pin number Pin name (function upon reset) Alternate functions Additional functions |