| 전자부품 데이터시트 검색엔진 |
|
STM32G0B1CEU6 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0B1CEU6 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 159 page ![]() Table 13. Port A alternate function mapping (AF0 to AF7) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 PA0 SPI2_SCK/ I2S2_CK USART2_CTS TIM2_CH1_ETR - USART4_TX LPTIM1_OUT UCPD2_FRSTX COMP1_OUT PA1 SPI1_SCK/ I2S1_CK USART2_RTS _DE_CK TIM2_CH2 - USART4_RX TIM15_CH1N I2C1_SMBA EVENTOUT PA2 SPI1_MOSI/ I2S1_SD USART2_TX TIM2_CH3 - UCPD1_FRSTX TIM15_CH1 LPUART1_TX COMP2_OUT PA3 SPI2_MISO/ I2S2_MCK USART2_RX TIM2_CH4 - UCPD2_FRSTX TIM15_CH2 LPUART1_RX EVENTOUT PA4 SPI1_NSS/ I2S1_WS SPI2_MOSI/ I2S2_SD USB_NOE USART6_TX TIM14_CH1 LPTIM2_OUT UCPD2_FRSTX EVENTOUT PA5 SPI1_SCK/ I2S1_CK CEC TIM2_CH1_ETR USART6_RX USART3_TX LPTIM2_ETR UCPD1_FRSTX EVENTOUT PA6 SPI1_MISO/ I2S1_MCK TIM3_CH1 TIM1_BKIN USART6_CTS USART3_CTS TIM16_CH1 LPUART1_CTS COMP1_OUT PA7 SPI1_MOSI/ I2S1_SD TIM3_CH2 TIM1_CH1N USART6_RTS _DE_CK TIM14_CH1 TIM17_CH1 UCPD1_FRSTX COMP2_OUT PA8 MCO SPI2_NSS/ I2S2_WS TIM1_CH1 - CRS1_SYNC LPTIM2_OUT - EVENTOUT PA9 MCO USART1_TX TIM1_CH2 - SPI2_MISO/ I2S2_MCK TIM15_BKIN I2C1_SCL EVENTOUT PA10 SPI2_MOSI/ I2S2_SD USART1_RX TIM1_CH3 MCO2 - TIM17_BKIN I2C1_SDA EVENTOUT PA11 SPI1_MISO/ I2S1_MCK USART1_CTS TIM1_CH4 FDCAN1_RX - TIM1_BKIN2 I2C2_SCL COMP1_OUT PA12 SPI1_MOSI/ I2S1_SD USART1_RTS _DE_CK TIM1_ETR FDCAN1_TX - I2S_CKIN I2C2_SDA COMP2_OUT PA13 SWDIO IR_OUT USB_NOE - - - - EVENTOUT PA14 SWCLK USART2_TX --- -- EVENTOUT PA15 SPI1_NSS/ I2S1_WS USART2_RX TIM2_CH1_ETR MCO2 USART4_RTS _DE_CK USART3_RTS _DE_CK USB_NOE EVENTOUT |