전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G0B1CCT6 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 STM32G0B1CCT6
상세설명  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0B1CCT6 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button STM32G0B1CCT6 Datasheet HTML 17Page - STMicroelectronics STM32G0B1CCT6 Datasheet HTML 18Page - STMicroelectronics STM32G0B1CCT6 Datasheet HTML 19Page - STMicroelectronics STM32G0B1CCT6 Datasheet HTML 20Page - STMicroelectronics STM32G0B1CCT6 Datasheet HTML 21Page - STMicroelectronics STM32G0B1CCT6 Datasheet HTML 22Page - STMicroelectronics STM32G0B1CCT6 Datasheet HTML 23Page - STMicroelectronics STM32G0B1CCT6 Datasheet HTML 24Page - STMicroelectronics STM32G0B1CCT6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 159 page
background image
DS13560 Rev 2
21/159
STM32G0B1xB/xC/xE
Functional overview
35
Table 4. Interconnect of peripherals
Interconnect source
Interconnect
destination
Interconnect action
TIMx
TIMx
Timer synchronization or chaining
Y
Y
-
ADCx
DACx
Conversion triggers
Y
Y
-
DMA
Memory-to-memory transfer trigger
Y
Y
-
COMPx
Comparator output blanking
Y
Y
-
COMPx
TIM1,2,3,4
Timer input channel, trigger, break
from analog signals comparison
YY
-
LPTIMERx
Low-power timer triggered by analog
signals comparison
YY
Y
ADCx
TIM1
Timer triggered by analog watchdog
Y
Y
-
RTC
TIM16
Timer input channel from RTC events
Y
Y
-
LPTIMERx
Low-power timer triggered by RTC
alarms or tampers
YY
Y
All clock sources (internal and
external)
TIM14,16,17
Clock source used as input channel for
RC measurement and trimming
YY
-
CSS
RAM (parity error)
Flash memory (ECC error)
COMPx
PVD
TIM1,15,16,17
Timer break
Y
Y
-
CPU (hard fault)
TIM1,15,16,17
Timer break
Y
-
-
GPIO
TIMx
External trigger
Y
Y
-
LPTIMERx
External trigger
Y
Y
Y
ADC
DACx
Conversion external trigger
Y
Y
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More