전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F407IE 데이터시트(PDF) 51 Page - STMicroelectronics

부품명 STM32F407IE
상세설명  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IE 데이터시트(HTML) 51 Page - STMicroelectronics

Back Button STM32F407IE Datasheet HTML 47Page - STMicroelectronics STM32F407IE Datasheet HTML 48Page - STMicroelectronics STM32F407IE Datasheet HTML 49Page - STMicroelectronics STM32F407IE Datasheet HTML 50Page - STMicroelectronics STM32F407IE Datasheet HTML 51Page - STMicroelectronics STM32F407IE Datasheet HTML 52Page - STMicroelectronics STM32F407IE Datasheet HTML 53Page - STMicroelectronics STM32F407IE Datasheet HTML 54Page - STMicroelectronics STM32F407IE Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 201 page
background image
DocID022152 Rev 6
51/201
STM32F405xx, STM32F407xx
Pinouts and pin description
29 H4 47 69 R12 79
PB10
I/O
FT
-
SPI2_SCK / I2S2_CK /
I2C2_SCL/ USART3_TX /
OTG_HS_ULPI_D3 /
ETH_MII_RX_ER /
TIM2_CH3/ EVENTOUT
-
30
J4
48 70 R13 80
PB11
I/O
FT
-
I2C2_SDA/USART3_RX/
OTG_HS_ULPI_D4 /
ETH_RMII_TX_EN/
ETH_MII_TX_EN /
TIM2_CH4/ EVENTOUT
-
31
F4 49 71 M10 81
VCAP_1
S-
-
-
32
-
50 72 N10 82
VDD
S-
-
-
-
-
-
-
M11 83
PH6
I/O
FT
-
I2C2_SMBA / TIM12_CH1 /
ETH_MII_RXD2/
EVENTOUT
-
-
-
-
-
N12 84
PH7
I/O
FT
-
I2C3_SCL /
ETH_MII_RXD3/
EVENTOUT
-
-
-
-
-
M12 85
PH8
I/O
FT
-
I2C3_SDA /
DCMI_HSYNC/
EVENTOUT
-
-
-
-
-
M13 86
PH9
I/O
FT
-
I2C3_SMBA / TIM12_CH2/
DCMI_D0/ EVENTOUT
-
-
-
-
-
L13
87
PH10
I/O
FT
-
TIM5_CH1 / DCMI_D1/
EVENTOUT
-
-
-
-
-
L12
88
PH11
I/O
FT
-
TIM5_CH2 / DCMI_D2/
EVENTOUT
-
-
-
-
-
K12
89
PH12
I/O
FT
-
TIM5_CH3 / DCMI_D3/
EVENTOUT
-
--
-
-
H12 90
VSS
S-
-
-
-
--
-
-
J12
91
VDD
S-
-
-
-
Table 7. STM32F40xxx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More