| 전자부품 데이터시트 검색엔진 |
|
STM32F103RET7XXX 데이터시트(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103RET7XXX 데이터시트(HTML) 32 Page - STMicroelectronics |
|
32 / 143 page ![]() Pinouts and pin descriptions STM32F103xC, STM32F103xD, STM32F103xE 32/143 DS5792 Rev 13 H4 F3 - 11 18 29 PC3(7) I/O - PC3 ADC123_IN13 - J1 G1 E7 12 19 30 VSSA S- VSSA -- K1 H1 - - 20 31 VREF- S- VREF- -- L1 J1 F7 (8) -21 32 VREF+ S- VREF+ -- M1 K1 G8 13 22 33 VDDA S- VDDA -- J2 G2 F6 14 23 34 PA0-WKUP I/O - PA0 WKUP/USART2_CTS(9) ADC123_IN0 TIM2_CH1_ETR TIM5_CH1/TIM8_ETR - K2 H2 E6 15 24 35 PA1 I/O - PA1 USART2_RTS(9) ADC123_IN1/ TIM5_CH2/TIM2_CH2(9) - L2 J2 H8 16 25 36 PA2 I/O - PA2 USART2_TX(9)/TIM5_CH3 ADC123_IN2/ TIM2_CH3 (9) - M2 K2 G7 17 26 37 PA3 I/O - PA3 USART2_RX(9)/TIM5_CH4 ADC123_IN3/TIM2_CH4(9) - G4 E4 F5 18 27 38 VSS_4 S- VSS_4 -- F4 F4 G6 19 28 39 VDD_4 S- VDD_4 -- J3 G3 H7 20 29 40 PA4 I/O - PA4 SPI1_NSS(9)/ USART2_CK(9) DAC_OUT1/ADC12_IN4 - K3 H3 E5 21 30 41 PA5 I/O - PA5 SPI1_SCK(9) DAC_OUT2 ADC12_IN5 - L3 J3 G5 22 31 42 PA6 I/O - PA6 SPI1_MISO(9) TIM8_BKIN/ADC12_IN6 TIM3_CH1(9) TIM1_BKIN M3 K3 G4 23 32 43 PA7 I/O - PA7 SPI1_MOSI(9)/ TIM8_CH1N/ADC12_IN7 TIM3_CH2(9) TIM1_CH1N J4 G4 H6 24 33 44 PC4 I/O - PC4 ADC12_IN14 - K4 H4 H5 25 34 45 PC5 I/O - PC5 ADC12_IN15 - L4 J4 H4 26 35 46 PB0 I/O - PB0 ADC12_IN8/TIM3_CH3 TIM8_CH2N TIM1_CH2N M4 K4 F4 27 36 47 PB1 I/O - PB1 ADC12_IN9/TIM3_CH4(9) TIM8_CH3N TIM1_CH3N Table 5. High-density STM32F103xC/D/E pin definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions(4) Default Remap |