전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103VCT6TR 데이터시트(PDF) 71 Page - STMicroelectronics

부품명 STM32F103VCT6TR
상세설명  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103VCT6TR 데이터시트(HTML) 71 Page - STMicroelectronics

Back Button STM32F103VCT6TR Datasheet HTML 67Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 68Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 69Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 70Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 71Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 72Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 73Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 74Page - STMicroelectronics STM32F103VCT6TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 143 page
background image
DS5792 Rev 13
71/143
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
135
Synchronous waveforms and timings
Figure 28 through Figure 31 represent synchronous waveforms and Table 36 through
Table 38 provide the corresponding timings. The results shown in these tables are obtained
with the following FSMC configuration:
•
BurstAccessMode = FSMC_BurstAccessMode_Enable;
•
MemoryType = FSMC_MemoryType_CRAM;
•
WriteBurst = FSMC_WriteBurst_Enable;
•
CLKDivision = 1; (0 is not supported, see the STM32F10xxx reference manual)
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
Figure 28. Synchronous multiplexed NOR/PSRAM read timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More