전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103ZCT6TR 데이터시트(PDF) 36 Page - STMicroelectronics

부품명 STM32F103ZCT6TR
상세설명  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZCT6TR 데이터시트(HTML) 36 Page - STMicroelectronics

Back Button STM32F103ZCT6TR Datasheet HTML 32Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 33Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 34Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 35Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 36Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 37Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 38Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 39Page - STMicroelectronics STM32F103ZCT6TR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 143 page
background image
Pinouts and pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
36/143
DS5792 Rev 13
C8
-
-
-
-
126
PG11
I/O
FT
PG11
FSMC_NCE4_2
-
B8
-
-
-
-
127
PG12
I/O
FT
PG12
FSMC_NE4
-
D7
-
-
-
-
128
PG13
I/O
FT
PG13
FSMC_A24
-
C7
-
-
-
-
129
PG14
I/O
FT
PG14
FSMC_A25
-
E6
-
-
-
-
130
VSS_11
S-
VSS_11
--
F6
-
-
-
-
131
VDD_11
S-
VDD_11
--
B7
-
-
-
-
132
PG15
I/O
FT
PG15
-
-
A7
A7
A4 55
89
133
PB3
I/O
FT
JTDO
SPI3_SCK / I2S3_CK/
PB3/TRACES
WO
TIM2_CH2 /
SPI1_SCK
A6
A6
B4 56
90
134
PB4
I/O
FT
NJTRST
SPI3_MISO
PB4 /
TIM3_CH1
SPI1_MISO
B6
C5
A5 57
91
135
PB5
I/O
-
PB5
I2C1_SMBA/ SPI3_MOSI
I2S3_SD
TIM3_CH2 /
SPI1_MOSI
C6
B5
B5 58
92
136
PB6
I/O
FT
PB6
I2C1_SCL(9)/ TIM4_CH1(9)
USART1_TX
D6
A5
C5 59
93
137
PB7
I/O
FT
PB7
I2C1_SDA(9) / FSMC_NADV
/ TIM4_CH2(9)
USART1_RX
D5
D5
A6 60
94
138
BOOT0
I
-
BOOT0
-
-
C5
B4
D5 61
95
139
PB8
I/O
FT
PB8
TIM4_CH3(9)/SDIO_D4
I2C1_SCL/
CAN_RX
B5
A4
B6 62
96
140
PB9
I/O
FT
PB9
TIM4_CH4(9)/SDIO_D5
I2C1_SDA /
CAN_TX
A5
D4
-
-
97
141
PE0
I/O
FT
PE0
TIM4_ETR / FSMC_NBL0
-
A4
C4
-
-
98
142
PE1
I/O
FT
PE1
FSMC_NBL1
-
E5
E5
A7 63
99
143
VSS_3
S-
VSS_3
--
F5
F5
A8 64
10
0
144
VDD_3
S-
VDD_3
--
1. I = input, O = output, S = supply.
2. FT = 5 V tolerant.
3. Function availability depends on the chosen device.
4. If several peripherals share the same I/O pin, to avoid conflict between these alternate functions only one peripheral should
be enabled at a time through the peripheral clock enable bit (in the corresponding RCC peripheral clock enable register).
Table 5. High-density STM32F103xC/D/E pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More