| 전자부품 데이터시트 검색엔진 |
|
BW32SAM 데이터시트(PDF) 7 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW32SAM 데이터시트(HTML) 7 Page - Fuji Electric |
|
7 / 93 page ![]() 06/7 06 Fuji Electric FA components & Systems Co., Ltd./D & C Catalog Information subject to change without notice G-TWIN Standard Series Ampere frame 100A Type BW100AAG BW100EAG Pole 2 3 2 3 Rated current Reference amb. temp. (40°C) In(A) 60, 63, 75, 100 50, 60, 63, 75, 100 Rated impulse withstand voltage Uimp(kV) 6 6 Isolation compliant Rated insulation voltage Ui (V) AC 500 690 DC − 250* 1 Rated breaking capacity Icu/Ics (kA) IEC 60947-2 EN 60947-2 JIS C 8201-2-1 AC 500V − 7.5/4 440V − 10/5 415V − 10/5 400V 1.5/1 10/5 380V 1.5/1 10/5 240V 5/3 25/13 230V 5/3 25/13 DC 250V − 5/3* 1 GB14048.2 AC 400V 1.5/1 10/5 230V 5/3 25/13 Conforming to standards CE Marking (TÜV) (TÜV) CCC certificate Electrical Appliance and Material Safety Law <PS>E* 2 Dimensions (mm) a 50 75 50 75 b 100 100 c 60 60 d 84 84 Mass (kg) 0.4 0.5 0.4 0.5 Tripping device Thermal -magnetic Front mounting, front connection No-mark Front mounting, rear connection X Flush mounting, front connection E Flush mounting, top & bottom connection Y Plug-in mounting P IEC 35mm wide rail mounting No-mark Internal accessories Page 06/63 Alarm switch K Auxiliary switch W Undervoltage trip R Shunt trip F External accessories Page 06/66 Handle padlocking device Cap type QN Handle padlocking device Plate type Q2 Operating handle N-type N Operating handle V-type V Terminal cover Short BT S Terminal cover Long BT L Insulation barrier Interphase BP Earth BL Handle locking cover L1 Flat terminal SS Block terminal SL − − − − : Approved : Available –: Not available : Factory-mounted accessory Note: * 1 Specify DC only when ordering circut breakers for DC circuit. * 2 Electrical Appliance and Material Safety Law of Japan c a d b Molded Case Circuit Breakers G-TWIN series Quick reference guide |