| 전자부품 데이터시트 검색엔진 |
|
STM32F103VCT7TR 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103VCT7TR 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 143 page ![]() DS5792 Rev 13 9/143 STM32F103xC, STM32F103xD, STM32F103xE Introduction 135 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32F103xC, STM32F103xD and STM32F103xE high-density performance line microcontrollers. For more details on the whole STMicroelectronics STM32F103xC/D/E family, please refer to Section 2.2: Full compatibility throughout the family. The high-density STM32F103xC/D/E datasheet should be read in conjunction with the STM32F10xxx reference manual. For information on programming, erasing and protection of the internal Flash memory please refer to the STM32F10xxx Flash programming manual. The reference and Flash programming manuals are both available from the STMicroelectronics website www.st.com. For information on the Arm®(a) Cortex®-M3 core please refer to the Cortex®-M3 Technical Reference Manual, available from the www.arm.com website at the following address: http://infocenter.arm.com. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |