전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F103RCT6 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 STM32F103RCT6
상세설명  High-density performance line Arm®-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103RCT6 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button STM32F103RCT6 Datasheet HTML 34Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 35Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 36Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 37Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 38Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 39Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 40Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 41Page - STMicroelectronics STM32F103RCT6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 143 page
background image
Pinouts and pin descriptions
STM32F103xC, STM32F103xD, STM32F103xE
38/143
DS5792 Rev 13
Table 6. FSMC pin definition
Pins
FSMC
LQFP100
BGA100(1)
CF
CF/IDE
NOR/PSRAM/
SRAM
NOR/PSRAM Mux NAND 16 bit
PE2
-
-
A23
A23
-
Yes
PE3
-
-
A19
A19
-
Yes
PE4
-
-
A20
A20
-
Yes
PE5
-
-
A21
A21
-
Yes
PE6
-
-
A22
A22
-
Yes
PF0
A0
A0
A0
-
-
-
PF1
A1
A1
A1
-
-
-
PF2
A2
A2
A2
-
-
-
PF3
A3
-
A3
-
-
-
PF4
A4
-
A4
-
-
-
PF5
A5
-
A5
-
-
-
PF6
NIORD
NIORD
-
-
-
-
PF7
NREG
NREG
-
-
-
-
PF8
NIOWR
NIOWR
-
-
-
-
PF9
CD
CD
-
-
-
-
PF10
INTR
INTR
-
-
-
-
PF11
NIOS16
NIOS16
-
-
-
-
PF12
A6
-
A6
-
-
-
PF13
A7
-
A7
-
-
-
PF14
A8
-
A8
-
-
-
PF15
A9
-
A9
-
-
-
PG0
A10
-
A10
-
-
-
PG1
-
-
A11
-
-
-
PE7
D4
D4
D4
DA4
D4
Yes
PE8
D5
D5
D5
DA5
D5
Yes
PE9
D6
D6
D6
DA6
D6
Yes
PE10
D7
D7
D7
DA7
D7
Yes
PE11
D8
D8
D8
DA8
D8
Yes
PE12
D9
D9
D9
DA9
D9
Yes
PE13
D10
D10
D10
DA10
D10
Yes
PE14
D11
D11
D11
DA11
D11
Yes
PE15
D12
D12
D12
DA12
D12
Yes
PD8
D13
D13
D13
DA13
D13
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More