| 전자부품 데이터시트 검색엔진 |
|
BW50RAM-3P032 데이터시트(PDF) 41 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM-3P032 데이터시트(HTML) 41 Page - Fuji Electric |
|
41 / 93 page ![]() 06/41 Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06 Molded Case Circuit Breakers G-TWIN series Dimensions / Standard BW125JAG-2P Mounting hole Mounting hole Mounting hole Trip button Trip button Trip button M4 or ø5 M4 or ø5 M4 or ø5 R2 or less R2 or less R2 or less 58 or more 87 or more 117 or more 73.5 or more 43.5 or more Insulation barrier Detachable Insulation barrier Detachable Insulation barrier Detachable Panel drilling Front panel cutting Terminal section Panel drilling Front panel cutting Terminal section Panel drilling Front panel cutting Terminal section 60 56 30 38 15 22 90 85 60 38 22 L C 75 120 45 72.5 42.5 30 30 30 38 22 ON 60 64 57 3.5 68 7 95 4 MCCB MCCB MCCB MCCB MCCB 30 MCCB 30 M8 x 16 ø9 t<6 8 10 8.5 M8 x 16 ø9 t<6 8 10 8.5 M8 x 16 ø9 t<6 8 10 8.5 L C L C L C L C L C L C L C L C ON 60 64 57 3.5 68 7 95 4 L C ON 60 64 57 3.5 68 7 95 4 L C L C L C L C L C L C L C L C Note: 2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole. MCCB 30 M4 or *5 L C L C 30 For V, N-type hadle BW50HAG-2P, 3P, BW125JAG-3P, BW125SAG-2P, 3P, BW125RAG-2P, 3P BW125HAG-2P, 3P BW125JAG-4P BW125SAG-4P BW125RAG-4P n Dimensions, mm Front mounting, front connection |