| 전자부품 데이터시트 검색엔진 |
|
105-059-202-200 데이터시트(PDF) 1 Page - EDAC, All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
105-059-202-200 데이터시트(HTML) 1 Page - EDAC, All Rights Reserved. |
|
|
1 / 1 page ![]() 0.200 0.200 NOTE: CONTACTS ARE HELD IN A CARRIER FOR EASE OF ASSEMBLY CONTACT 100-290-202 .200 CONTACT SPACING TOTAL NUMBER OF CONTACTS 59 TOLERANCE UNLESS OTHERWISE SPECIFIED .XX ±0.13 .XXX DRAWN: CHECKED: ACAD REFERENCE NO.: PART NUMBER: SCALE: YOUR CONNECTION TO QUALITY & SERVICE WITHOUT WRITTEN PERMISSION. THESE DRAWINGS AND SPECIFICATIONS ARE THE PROPERTY OF EDAC INC.,AND SHALL NOT BE REPRODUCED,OR COPIED OR USED AS THE BASIS FOR THE MANUFACTURE OR SALE OF APPARATUS TORONTO, ONTARIO EDAC INC CANADA DO NOT MAKE MANUAL REVISIONS TO MASTER. THIS IS A C.A.D. GENERATED DRAWING April 8, 2020 SHEET OF 105 Assembly 105-059-202-200 2:1 C.B DATE: DATE: 1 ISSUE ISSUE NUMBER ORIGINAL 1 THIS SERIES FULLY CONFORMS TO THE EUROPEAN UNION DIRECTIVES 2011/65/EU FOR RoHS COMPLIANCY. COMPLIANT 105 SERIES - VERTICAL CONTACT PATTERN .X ±0.25 1 1 DRAWING NUMBER: 105 Assembly ±0.05 |
유사한 부품 번호 - 105-059-202-200 |
|
유사한 설명 - 105-059-202-200 |