전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HWD20011 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 HWD20011
상세설명  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

HWD20011 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  HWD20011 Datasheet HTML 1Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 2Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 3Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 4Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 5Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 6Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 7Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 8Page - List of Unclassifed Manufacturers HWD20011 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The HWD20011/HWD2001/HWD20012 compact, high
effIciency, step-up DC-DC converters fit in small MSOP
packages. They feature a built-in synchronous rectifier,
which improves efficiency and reduces size and cost
by eliminating the need for an external Schottky diode.
Quiescent supply current is only 16µA.
The input voltage ranges from 0.7V to VOUT, where
VOUT can be set from 2V to 5.5V. Start-up is guaran-
teed from 1.1V inputs. The HWD20011/HWD2001/
HWD20012 have a preset, pin-selectable output for 5V or
3.3V. The outputs can also be adjusted to other volt-
ages using two external resistors.
All three devices have a 0.3
Ω N-channel MOSFET
power switch. The HWD20011 has a 1A current limit. The
HWD2001 has a 0.5A current limit, which permits the
use of a smaller inductor. The HWD20012 comes in a
10-pin MSOP package and features an adjustable cur-
rent limit and circuitry to reduce inductor ringing.
________________________Applications
Pagers
Wireless Phones
Medical Devices
Hand-Held Computers
PDAs
RF Tags
1 to 3-Cell Hand-Held Devices
____________________________Features
o 94% Efficient at 200mA Output Current
o 16µA Quiescent Supply Current
o Internal Synchronous Rectifier (no external diode)
o 0.1µA Logic-Controlled Shutdown
o LBI/LBO Low-Battery Detector
o Selectable Current Limit for Reduced Ripple
o Low-Noise, Anti-Ringing Feature (HWD20012)
o 8-Pin and 10-Pin MSOP Packages
o Preassembled Evaluation Kit (HWD20012EVKIT)
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
1
GND
LBO
SHDN
REF
1
2
8
7
OUT
LX
LBI
FB
HWD20011
HWD2001
MSOP
TOP VIEW
3
4
6
5
1
2
3
4
5
10
9
8
7
6
OUT
LX
GND
BATT
CLSEL
LBO
LBI
FB
HWD20012
MSOP
SHDN
REF
HWD20011
HWD2001
INPUT
0.7V TO VOUT
SHDN
LX
LBO
OUT
LBI
0.1
µF
LOW-BATTERY
DETECT OUT
OFF
ON
REF
GND
FB
OUTPUT
3.3V, 5V, OR
ADJ (2V TO 5.5V)
UP TO 300mA
LOW-BATTERY
DETECT IN
PART
HWD20011EUA
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 MSOP
_______________Ordering Information
HWD2001EUA
-40°C to +85°C
8 MSOP
HWD20012EUB
-40°C to +85°C
10 MSOP
Typical Operating Circuit
Pin Configurations


유사한 부품 번호 - HWD20011

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HWD20 ETC2-HWD20 Datasheet
892Kb / 1P
1/2 WATT METAL
logo
NTE Electronics
HWD20 NTE-HWD20 Datasheet
929Kb / 1P
1/2 WATT METAL
More results

유사한 설명 - HWD20011

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
MAX1795 MAXIM-MAX1795 Datasheet
397Kb / 13P
Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
19-1798; Rev 0; 12/00
logo
Richtek Technology Corp...
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705 Datasheet
656Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
ams AG
AS1326 AMSCO-AS1326_04 Datasheet
1Mb / 19P
High Current, 0.8A DC-DC Step-Up Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com