전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F87 데이터시트(PDF) 61 Page - Microchip Technology

부품명 PIC16F87
상세설명  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 데이터시트(HTML) 61 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 57Page - Microchip Technology PIC16F87 Datasheet HTML 58Page - Microchip Technology PIC16F87 Datasheet HTML 59Page - Microchip Technology PIC16F87 Datasheet HTML 60Page - Microchip Technology PIC16F87 Datasheet HTML 61Page - Microchip Technology PIC16F87 Datasheet HTML 62Page - Microchip Technology PIC16F87 Datasheet HTML 63Page - Microchip Technology PIC16F87 Datasheet HTML 64Page - Microchip Technology PIC16F87 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 59
PIC16F87/88
FIGURE 5-8:
BLOCK DIAGRAM OF RB0 PIN
Note 1:
I/O pins have diode protection to VDD and VSS.
2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit.
Data Latch
RBPU(2)
P
VDD
Q
D
CK
Q
D
CK
Q
D
EN
Data Bus
WR PORTB
WR TRISB
RD TRISB
RD PORTB
Weak
Pull-up
RD PORTB
I/O pin(1)
TTL
Input
Buffer
TRIS Latch
0
1
CCP
CCP1<M3:M0> = 1000, 1001, 11xx and CCPMX = 1
To INT0 or CCP
CCP1<M3:M0> = 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More