| 전자부품 데이터시트 검색엔진 |
|
PIC16F87-I/ML 데이터시트(PDF) 65 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F87-I/ML 데이터시트(HTML) 65 Page - Microchip Technology |
|
65 / 214 page ![]() 2003 Microchip Technology Inc. Preliminary DS30487B-page 63 PIC16F87/88 FIGURE 5-12: BLOCK DIAGRAM OF RB4 PIN Data Latch From Other RBPU(2) P VDD I/O pin(1) Q D CK Q D CK QD EN QD EN Data Bus WR WR Set RBIF TRIS Latch RD TRISB RD PORTB RB7:RB4 pins Weak Pull-up RD PORTB Latch TTL Input Buffer Q3 Q1 PORTB Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. 3: The SCL Schmitt conforms to the I2C™ specification. SCK SCK/SCL 1 0 PORT/SSPEN SCL(3) P N VSS VDD SCL Drive TRISB |