전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F87-I/ML 데이터시트(PDF) 195 Page - Microchip Technology

부품명 PIC16F87-I/ML
상세설명  18/20/28-Pin Enhanced FLASH Microcontrollers with nanoWatt Technology
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87-I/ML 데이터시트(HTML) 195 Page - Microchip Technology

Back Button PIC16F87-I/ML Datasheet HTML 191Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 192Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 193Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 194Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 195Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 196Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 197Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 198Page - Microchip Technology PIC16F87-I/ML Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 214 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS30487B-page 193
PIC16F87/88
20.0
PACKAGING INFORMATION
20.1
Package Marking Information
18-Lead PDIP
XXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXX
YYWWNNN
Example
PIC16F87/88-I/P
0310017
YYWWNNN
XXXXXXXXXXXX
XXXXXXXXXXXX
18-Lead SOIC
XXXXXXXXXXXX
0310017
04/SO
Example
PIC16F87/88-
YYWWNNN
XXXXXXXXXXX
XXXXXXXXXXX
20-Lead SSOP
0310017
20/SS
PIC16F87-
Example
Legend:
XX...X
Customer specific information*
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard PICmicro device marking consists of Microchip part number, year code, week code, and
traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check
with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP
price.
28-Lead QFN
Example
XXXXXXXX
XXXXXXXX
YYWWNNN
PIC16F87
-I/ML
0310017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More