전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM94 데이터시트(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM94
상세설명  TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM94 데이터시트(HTML) 8 Page - National Semiconductor (TI)

Back Button LM94 Datasheet HTML 4Page - National Semiconductor (TI) LM94 Datasheet HTML 5Page - National Semiconductor (TI) LM94 Datasheet HTML 6Page - National Semiconductor (TI) LM94 Datasheet HTML 7Page - National Semiconductor (TI) LM94 Datasheet HTML 8Page - National Semiconductor (TI) LM94 Datasheet HTML 9Page - National Semiconductor (TI) LM94 Datasheet HTML 10Page - National Semiconductor (TI) LM94 Datasheet HTML 11Page - National Semiconductor (TI) LM94 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
9.0 Pin Descriptions (Continued)
Symbol
Pin #
Type
Function
P2_VID0/P2_VID7
51
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P2_VID1
52
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P2_VID2
53
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P2_VID3
54
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P2_VID4
55
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
P2_VID5
56
Digital Input
Voltage Identification signal from the processor. Supports TTL input
logic levels and AGTL compatible input logic levels.
The over-score indicates the signal is active low (“Not”).
10.0 Recommended Implementation
20112406
Recommended implementation without thermal diode connections
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24