| 전자부품 데이터시트 검색엔진 |
|
HT46R51 데이터시트(PDF) 39 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R51 데이터시트(HTML) 39 Page - Holtek Semiconductor Inc |
|
39 / 42 page ![]() 20-pin SSOP (150mil) Outline Dimensions Symbol Dimensions in mil Min. Nom. Max. A 228 ¾ 244 B 150 ¾ 158 C8 ¾ 12 C ¢ 335 ¾ 347 D49 ¾ 65 E ¾ 25 ¾ F4 ¾ 10 G15 ¾ 50 H7 ¾ 10 a 0 °¾ 8 ° HT46R51/HT46R52 Rev. 1.40 39 July 12, 2005 2 0 1 1 1 1 0 A B C D E F C ' G H a |