| 전자부품 데이터시트 검색엔진 |
|
MA8024 데이터시트(PDF) 3 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
MA8024 데이터시트(HTML) 3 Page - Panasonic Semiconductor |
|
3 / 5 page ![]() 3 Zener Diodes MAZ8091 8.50 9.10 9.60 9_1or9-1or9^1 MAZ3091 MAZ8091-L 8.58 8.80 9.02 5 0.1 6.0 20 5 60 0.5 5.5 5 9_1 MAZ3091-L MAZ8091-M 8.87 9.10 9.33 9-1 MAZ3091-M MAZ8091-H 9.14 9.40 9.60 9^1 MAZ3091-H MAZ8100 9.40 10.00 10.60 10_or10-or10^ MAZ3100 MAZ8100-L 9.44 9.70 9.92 5 0.05 7.0 30 5 60 0.5 6.4 5 10_ MAZ3100-L MAZ8100-M 9.75 10.00 10.25 10- MAZ3100-M MAZ8100-H 10.07 10.30 10.59 10^ MAZ3100-H MAZ8110 10.40 11.00 11.60 11_or11-or11^ MAZ3110 MAZ8110-L 10.40 10.70 10.94 5 0.05 8.0 30 5 60 0.5 7.4 5 11_ MAZ3110-L MAZ8110-M 10.73 11.00 11.28 11- MAZ3110-M MAZ8110-H 11.05 11.30 11.60 11^ MAZ3110-H MAZ8120 11.40 12.00 12.70 12_or12-or12^ MAZ3120 MAZ8120-L 11.40 11.70 11.96 5 0.05 9.0 30 5 80 0.5 8.4 5 12_ MAZ3120-L MAZ8120-M 11.73 12.00 12.33 12- MAZ3120-M MAZ8120-H 12.06 12.30 12.68 12^ MAZ3120-H MAZ8130 12.40 13.00 14.10 13_o13-or13^ MAZ3130 MAZ8130-L 12.40 12.70 12.99 5 0.05 10.0 35 5 80 0.5 9.4 5 13_ MAZ3130-L MAZ8130-M 12.73 13.00 13.40 13- MAZ3130-M MAZ8130-H 13.25 13.70 14.08 13^ MAZ3130-H MAZ8140-M 13.65 14.00 14.35 5 0.05 10.0 40 5 80 0.5 10.0 5 14- MAZ3140-M MAZ8150 13.90 15.00 15.60 15_or15-or15^ MAZ3150 MAZ8150-L 13.90 14.30 14.76 5 0.05 11.0 40 5 80 0.5 11.4 5 15_ MAZ3150-L MAZ8150-M 14.60 15.00 15.35 15- MAZ3150-M MAZ8150-H 14.95 15.30 15.60 15^ MAZ3150-H MAZ8160 15.30 16.00 17.10 16_or16-or16^ MAZ3160 MAZ8160-L 15.30 15.70 16.09 5 0.05 12.0 50 5 80 0.5 12.4 5 16_ MAZ3160-L MAZ8160-M 15.70 16.00 16.50 16- MAZ3160-M MAZ8160-H 16.26 16.70 17.10 16^ MAZ3160-H MAZ8180 16.90 18.00 19.10 18_or18-or18^ MAZ3180 MAZ8180-L 16.90 17.30 17.76 5 0.05 13.0 60 5 80 0.5 14.4 5 18_ MAZ3180-L MAZ8180-M 17.55 18.00 18.45 18- MAZ3180-M MAZ8180-H 18.20 18.70 19.10 18^ MAZ3180-H MAZ8200 18.80 20.00 21.20 20_or20-or20^ MAZ3200 MAZ8200-L 18.85 19.30 19.81 5 0.05 15.0 80 5 100 0.5 16.4 5 20_ MAZ3200-L MAZ8200-M 19.50 20.00 20.50 20- MAZ3200-M MAZ8200-H 20.15 20.70 21.19 20^ MAZ3200-H MAZ8220 20.80 22.00 23.30 22_or22-or22^ MAZ3220 MAZ8220-L 20.80 21.30 21.86 5 0.05 17.0 80 5 100 0.5 18.4 5 22_ MAZ3220-L MAZ8220-M 21.45 22.00 22.55 22- MAZ3220-M MAZ8220-H 22.10 22.70 23.24 22^ MAZ3220-H MAZ8240 22.80 24.00 25.60 24_or24-or24^ MAZ3240 MAZ8240-L 22.80 23.30 23.97 5 0.05 19.0 100 5 120 0.5 20.4 5 24_ MAZ3240-L MAZ8240-M 23.50 24.00 24.70 24- MAZ3240-M MAZ8240-H 24.35 25.00 25.60 24^ MAZ3240-H MAZ8270 25.10 27.00 28.90 27_or27-or27^ MAZ3270 MAZ8270-L 25.30 26.00 26.70 2 0.05 21.0 120 2 120 0.5 23.4 2 27_ MAZ3270-L MAZ8270-M 26.30 27.00 27.70 27- MAZ3270-M MAZ8270-H 27.30 28.00 28.70 27^ MAZ3270-H I Electrical characteristics within part numbers (continued) T a = 25 °C Part Number VZ (V) IR RZ RZK SZ (mV/°C) IZ ( µA) V R ( Ω)I Z ( Ω)I Z IZ Min Nom Max (mA) Max (V) Max (mA) Max (mA) Typ (mA) MAZ8000 Series Conventional products Marking Symbol Temperature coefficient of zener voltage Zener voltage Reverse current Operating resistance |