| 전자부품 데이터시트 검색엔진 |
|
HT0610 데이터시트(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT0610 데이터시트(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 22 page ![]() 16/32/33 MUX display with analog circuitry disabled HT0610 Rev. 1.00 21 February 24, 2004 H T 0 6 1 0 V D D R E S C S C E R W D C O M R A M E P R O M M P U / M C U w i t h P a r a l l e l I n t e r f a c e D 0 ~ D 7 0 . 1 m F 0 . 1 m F V D D V S S V D D A T o L C D P a n e l C O M 0 ~ C O M 3 2 S E G 0 ~ S E G 1 1 9 A N N 1 ~ A N N 4 , B P N o t e : V R a n d V F c a n b e l e f t o p e n w h e n R e g u l a t o r i s d i s a b l e d . E x t e r n a l C l o c k V L L 2 V L L 3 D U M 2 D U M 1 V L L 4 V L L 5 V L L 6 V C C A 1 V C C |