전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACS108-6SA 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 ACS108-6SA
상세설명  AC switch family Transient voltage protected AC Switch (ACSTM)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-6SA 데이터시트(HTML) 2 Page - STMicroelectronics

  ACS108-6SA Datasheet HTML 1Page - STMicroelectronics ACS108-6SA Datasheet HTML 2Page - STMicroelectronics ACS108-6SA Datasheet HTML 3Page - STMicroelectronics ACS108-6SA Datasheet HTML 4Page - STMicroelectronics ACS108-6SA Datasheet HTML 5Page - STMicroelectronics ACS108-6SA Datasheet HTML 6Page - STMicroelectronics ACS108-6SA Datasheet HTML 7Page - STMicroelectronics ACS108-6SA Datasheet HTML 8Page - STMicroelectronics ACS108-6SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1 Characteristics
ACS108-6S
2/11
1
Characteristics
Table 1.
Absolute maximum ratings (Tamb = 25 °C, unless otherwise specified)
Table 2.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
IT(RMS) RMS on-state current (full sine wave)
TO-92
Tlead = 75 °C
0.8
A
SOT-223
Tamb = 75 °C
TO-92
Tamb = 61 °C
0.45
ITSM
Non repetitive surge peak on-state current
(full cycle sine wave, Tj initial = 25 °C)
f = 60 Hz
t = 16.7 ms
7.6
A
f = 50 Hz
t = 20 ms
7.3
I²t
I²t Value for fusing
tp = 10 ms
0.38
A2s
dI/dt
Critical rate of rise of on-state current
IG = 2xIGT, tr ≤ 100 ns
f = 120 Hz
Tj = 125 °C
100
A/µs
VPP
Non repetitive line peak mains voltage(1)
1.
according to test described by IEC 61000-4-5 standard and Figure 16
Tj = 25 °C
2kV
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
1A
VGM
Peak positive gate voltage
Tj = 125 °C
10
V
PG(AV) Average gate power dissipation
Tj = 125 °C
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
-40 to +150
-30 to +125
°C
Symbol
Test conditions
Quadrant
Value
Unit
IGT
(1)
1.
minimum IGT is guaranteed at 10% of IGT max
VOUT = 12 V, RL = 33 Ω
II - III
MAX
10
mA
VGT
II - III
MAX
1
V
VGD
VOUT = VDRM, RL =3.3 kΩ, Tj = 125 °C
II - III
MIN
0.15
V
IH
(2)
IOUT = 100 mA
MAX
25
mA
IL
(2)
IG = 1.2 x IGT
MAX
30
mA
dV/dt (2)
2.
for both polarities of OUT referenced to COM
VOUT = 67% VDRM, gate open, Tj = 125 °C
MIN
500
V/µs
(dI/dt)c (2)
Without snubber (15 V/µs), turn-off time
≤ 20 ms, Tj = 125 °C
MIN
0.3
A/ms
VCL
ICL = 0.1 mA, tp = 1 ms, Tj = 125 °C
MIN
650
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11