전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPS22CH 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 LPS22CH
상세설명  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22CH 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button LPS22CH Datasheet HTML 47Page - STMicroelectronics LPS22CH Datasheet HTML 48Page - STMicroelectronics LPS22CH Datasheet HTML 49Page - STMicroelectronics LPS22CH Datasheet HTML 50Page - STMicroelectronics LPS22CH Datasheet HTML 51Page - STMicroelectronics LPS22CH Datasheet HTML 52Page - STMicroelectronics LPS22CH Datasheet HTML 53Page - STMicroelectronics LPS22CH Datasheet HTML 54Page - STMicroelectronics LPS22CH Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
DocID033100 Rev 2
53/55
LPS22CH
Package information
55
Figure 27. Reel information for carrier tape of HLGA-10L package
Table 22. Reel dimensions for carrier tape of HLGA-10L package
Reel dimensions (mm)
A (max)
330
B (min)
1.5
C
13 ±0.25
D (min)
20.2
N (min)
60
G
12.4 +2/-0
T (max)
18.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55