전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGAP2HSCMTR 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 STGAP2HSCMTR
상세설명  Galvanically isolated 4 A single gate driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGAP2HSCMTR 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button STGAP2HSCMTR Datasheet HTML 11Page - STMicroelectronics STGAP2HSCMTR Datasheet HTML 12Page - STMicroelectronics STGAP2HSCMTR Datasheet HTML 13Page - STMicroelectronics STGAP2HSCMTR Datasheet HTML 14Page - STMicroelectronics STGAP2HSCMTR Datasheet HTML 15Page - STMicroelectronics STGAP2HSCMTR Datasheet HTML 16Page - STMicroelectronics STGAP2HSCMTR Datasheet HTML 17Page - STMicroelectronics STGAP2HSCMTR Datasheet HTML 18Page - STMicroelectronics STGAP2HSCMTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
10
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
10.1
SO-8W package information
Table 10. SO-8W package dimensions
Symbol
Dimensions (mm)
Min.
Typ.
Max
A
2.34
2.64
A1
0.1
0.3
b
0.3
0.51
c
0.2
0.33
D(1)
5.64
6.05
e
1.27 BSC
E1
7.39
7.59
E
10.11
10.52
L
0.61
0.91
h
0.25
0.76
Ɵ
0°
8°
aaa
0.25
bbb
0.25
ccc
0.1
1. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs shall not exceed
0.15mm per side.
STGAP2HS
Package information
DS13393 - Rev 5
page 15/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22