전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LEOAC244PT-D 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 LEOAC244PT-D
상세설명  Rad-hard plastic octal bus buffer with 3-state outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC244PT-D 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button LEOAC244PT-D Datasheet HTML 9Page - STMicroelectronics LEOAC244PT-D Datasheet HTML 10Page - STMicroelectronics LEOAC244PT-D Datasheet HTML 11Page - STMicroelectronics LEOAC244PT-D Datasheet HTML 12Page - STMicroelectronics LEOAC244PT-D Datasheet HTML 13Page - STMicroelectronics LEOAC244PT-D Datasheet HTML 14Page - STMicroelectronics LEOAC244PT-D Datasheet HTML 15Page - STMicroelectronics LEOAC244PT-D Datasheet HTML 16Page - STMicroelectronics LEOAC244PT-D Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
8
Ordering information
Table 7. Ordering information
Order code
Quality Level
Package
Lead-finish
Marking
Packing
LEOAC244PT-D
Development sample
TSSOP-20
NiPdAu
DLEOAC244
Tape and reel
LEOAC244PT
Flight model
TSSOP-20
NiPdAu
LEOAC244
Tape and reel
Table 8. Order code
LEO
AC244
P
T
LEO qualification
Name
TSSOP-20 package
Tape and reel
Figure 8. TSSOP-20 marking
1
B
A
C
D
E
a
F
G
H
a: pin-1 reference
A : Second Level of interconnexion (type of lead-finishing)
B: ST logo
C: Assy plant
D:
E: Marking area
F: Country of origin
G: Assy year
H: Assy week
Lot code
LEOAC244
Ordering information
DS13637 - Rev 4
page 13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18