| 전자부품 데이터시트 검색엔진 |
|
LEOAC244PT 데이터시트(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LEOAC244PT 데이터시트(HTML) 10 Page - STMicroelectronics |
|
10 / 18 page ![]() 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 7.1 TSSOP-20 package information Figure 5. TSSOP-20 package outline Table 6. TSSOP-20 package mechanical data Symbol Milimeters Inches(1) Min. Typ. Max. Min Typ Max A 1.2 0.047 A1 0.05 0.15 0.002 0.004 0.006 A2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 c 0.09 0.20 0.004 D 6.4 6.5 6.6 0.252 0.256 0.260 E 6.2 6.4 6.6 0.244 0.252 0.260 E1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 BSC 0.0256 BSC K 0° 8° 0° 8° L 0.45 0.60 0.75 0.018 0.024 0.030 1. Values in inches are converted from mm and rounded to 4 decimal digits. LEOAC244 Package information DS13637 - Rev 4 page 10/18 |