전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAL16R4 데이터시트(PDF) 32 Page - Advanced Micro Devices

부품명 PAL16R4
상세설명  20-Pin TTL Programmable Array Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16R4 데이터시트(HTML) 32 Page - Advanced Micro Devices

Back Button PAL16R4 Datasheet HTML 25Page - Advanced Micro Devices PAL16R4 Datasheet HTML 26Page - Advanced Micro Devices PAL16R4 Datasheet HTML 27Page - Advanced Micro Devices PAL16R4 Datasheet HTML 28Page - Advanced Micro Devices PAL16R4 Datasheet HTML 29Page - Advanced Micro Devices PAL16R4 Datasheet HTML 30Page - Advanced Micro Devices PAL16R4 Datasheet HTML 31Page - Advanced Micro Devices PAL16R4 Datasheet HTML 32Page - Advanced Micro Devices PAL16R4 Datasheet HTML 33Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
AMD
2-34
PAL16R8-5
INPUT/OUTPUT EQUIVALENT SCHEMATICS
Typical Input
Input
CC
V
Output
Typical Output
40
Ω NOM
Input,
I/O
Pins
Preload
Circuitry
Program/Verify/
Test Circuitry
Program/Verify
Circuitry
CC
V
16492D-29
16492D-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33