전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AIS1200PSTR 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 AIS1200PSTR
상세설명  MEMS acceleration sensor: single-axis with PSI5 point-to-point interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS1200PSTR 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button AIS1200PSTR Datasheet HTML 3Page - STMicroelectronics AIS1200PSTR Datasheet HTML 4Page - STMicroelectronics AIS1200PSTR Datasheet HTML 5Page - STMicroelectronics AIS1200PSTR Datasheet HTML 6Page - STMicroelectronics AIS1200PSTR Datasheet HTML 7Page - STMicroelectronics AIS1200PSTR Datasheet HTML 8Page - STMicroelectronics AIS1200PSTR Datasheet HTML 9Page - STMicroelectronics AIS1200PSTR Datasheet HTML 10Page - STMicroelectronics AIS1200PSTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID024648 Rev 4
7/21
AIS1200PS
Mechanical and electrical specifications
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
VDD  5 V to VDD  16 V, TL  -40 °C to TH  125 °C, unless otherwise noted.
2.2
Electrical characteristics
TA  -40°C to TH  125 °C, unless otherwise noted(a)
Table 3. Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
FS
Full-scale range(2)
±200
g
So
Sensitivity
1.8
2
2.2
LSb/g
TCSo
Sensitivity change vs.
temperature
TA = 25°C
-5
5
%
TL  TA  TH
-10
10
Off
Zero-g level offset (1)
TA = 25°C
-26
0
26
LSb
TL  TA  TH
-54
0
54
NL
Non-linearity(2)
Best-fit straight line
-2
+2
% FS
Asym
Asymmetry(2)
-1.2
+1.2
%
CrAx
Cross axis(2)
-5
+5
%
F0
MEMS resonant frequency(2)
16.6
19.6
22.5
kHz
Top
Operating temperature range
-40
+125
°C
1. Zero-g level offset (10-bit representation) including aging and soldering effects.
2. Verified by characterization, not tested in production.
a. All voltage levels are referred to RTN
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vbus
Supply voltage at BUSIN
5
16
V
IQ
Quiescent current(1)
24
7
mA
Id
Drift of quiescent current
(time gradient)(3)
±1
mA/
min
RNG
Output range
±200 g
-400
400
LSb
RNGmax Output range before clamp
-480
480
LSb
OutFF
Output frequency flatness
5 g @ freq 20, 30, 40 Hz(2)
-10
+10
%
IS
Data sink current
IQ
IQ+IS
mA
T
t
-------
0.5 C
s
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21