| 전자부품 데이터시트 검색엔진 |
|
AM6546BACDXA 데이터시트(PDF) 73 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6546BACDXA 데이터시트(HTML) 73 Page - Texas Instruments |
|
73 / 284 page ![]() Table 6-24. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO0_59 General Purpose Input/Output IO AD21 GPIO0_60 General Purpose Input/Output IO AG23 GPIO0_61 General Purpose Input/Output IO AF27 GPIO0_62 General Purpose Input/Output IO AF22 GPIO0_63 General Purpose Input/Output IO AG27 GPIO0_64 General Purpose Input/Output IO AF28 GPIO0_65 General Purpose Input/Output IO AF26 GPIO0_66 General Purpose Input/Output IO AH25 GPIO0_67 General Purpose Input/Output IO AF21 GPIO0_68 General Purpose Input/Output IO AH20 GPIO0_69 General Purpose Input/Output IO AH21 GPIO0_70 General Purpose Input/Output IO AG20 GPIO0_71 General Purpose Input/Output IO AD19 GPIO0_72 General Purpose Input/Output IO AD20 GPIO0_73 General Purpose Input/Output IO AH26 GPIO0_74 General Purpose Input/Output IO AG25 GPIO0_75 General Purpose Input/Output IO AG26 GPIO0_76 General Purpose Input/Output IO AH24 GPIO0_77 General Purpose Input/Output IO AH23 GPIO0_78 General Purpose Input/Output IO AG21 GPIO0_79 General Purpose Input/Output IO AH22 GPIO0_80 General Purpose Input/Output IO AE21 GPIO0_81 General Purpose Input/Output IO AC22 GPIO0_82 General Purpose Input/Output IO AG22 GPIO0_83 General Purpose Input/Output IO AD23 GPIO0_84 General Purpose Input/Output IO AE24 GPIO0_85 General Purpose Input/Output IO AF25 GPIO0_86 General Purpose Input/Output IO AF24 GPIO0_87 General Purpose Input/Output IO AC20 GPIO0_88 General Purpose Input/Output IO AE20 GPIO0_89 General Purpose Input/Output IO AF19 GPIO0_90 General Purpose Input/Output IO AH19 GPIO0_91 General Purpose Input/Output IO AG19 GPIO0_92 General Purpose Input/Output IO AE19 GPIO0_93 General Purpose Input/Output IO AE23 GPIO0_94 General Purpose Input/Output IO AD22 GPIO0_95 General Purpose Input/Output IO AC21 www.ti.com AM6548, AM6528, AM6546, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 73 Product Folder Links: AM6548 AM6528 AM6546 AM6526 |