| 전자부품 데이터시트 검색엔진 |
|
B2-111441 데이터시트(PDF) 2 Page - OTTO Engineering, Inc |
|
|
|||||||||||||||||||||||||||||
B2-111441 데이터시트(HTML) 2 Page - OTTO Engineering, Inc |
|
2 / 3 page ![]() 10 OTTO Full Line Catalog Specifications Subject To Change Without Notice SUBMINIATURE BASIC SWITCHES BASIC SWITCHES B2 SINGLE BREAK, SNAP-ACTION, COMMERCIAL & MILITARY GRADES, SUBMINIATURE, TWO WIDTHS MILITARY APPROVALS (MIL-PRF-8805/4, MIL-PRF-8805/106 & MIL-PRF-8805/109) Certain OTTO B2 models have been qualified to the military specification for these parts. The following is the latest listing. MILITARY NO. OTTO P/N M8805/106-01 B2-200031 M8805/106-02 B2-200032 M8805/109-01 B2-111351 M8805/109-02 B2-112351 M8805/109-03 B2-111353 M8805/109-04 B2-112353 MS24547-1 (M8805/4) B2-211351 MS24547-2 (M8805/4) B2-211353 MS24547-4 (M8805/4) B2-212351 MS24547-5 (M8805/4) B2-212353 MS24547-6 (M8805/4) B2-200029 MS24547-7 (M8805/4) B2-200030 ORDERING INFORMATION: Select the OTTO B2 basic switch to match your specific circuit and mechanical requirements. To order, specify your requirement using the OTTO Part Number Code shown to the right. Example: B2-112351 specifies Military grade construction on a 0.156” wide base, double turret terminals, 5 oz operating force, 0.005”movement differential and silver/gold high current contacts. Model (Width/Constr.) Actuator Style Terminal Style Operating Force Movement Differential Contact Material 1. 0.156” (MIL Grade) 2. 0.200” (MIL Grade) 3. 0.156” (Com’l Grade) 4. 0.200” (Com’l Grade) 1. Button 1. Single Turret 2. Double Turret 3. Q.C. Tab ➀ 4. PC Pin 0.150” lg. 5. PC Pin 0.270” lg. 6. PC Pin 0.090” lg. 7. Right Angle PC 9. Right Angle, Opposite of 7 3. 5 oz max 4. 6 oz max 2. 0.002” 3. 0.003” 4. 0.004” 5. 0.005” 6. 0.006” 1. Silver/Gold – High Current 3. Silver/Gold – Low Current ➀ Mates with AMP 0.058” receptacles. B2 PART NUMBER CODE Bold Code numbers signify standard features with best availability. B2 – X X X X X X A. With 24 AWG Wires 06.0" lg. B. With 24 AWG Wires 12.0" lg. C. With 24 AWG Wires 18.0" lg. D. With 24 AWG Wires 24.0" lg. E. With 24 AWG Wires 30.0" lg. .180 .090 .040 .060 .255 .165 .040 .060 .245 .155 .058 .035 .150 .240 .270 .360 .035 "X" .125±.030 "Y" .090 .180 .035 "A" +.020 -.010 .090+.020 +.010 "A" +.020 -.010 .090+.020 -.010 .035 .035 .180+.020 -.010 .180+.020 -.010 (.250) WIRE LENGTH CODE DIM. "X"DIM. "Y" A 06.00 .38 06.09 .38 B 12.00 .50 12.09 .50 C 18.00 .50 18.09 .50 D 24.00 .50 24.09 .50 E 30.00 .75 30.09 .75 SWITCH WIDTHDIM. "A" .156 .110 .200 .085 SWITCH WIDTHDIM. "A" .156 .110 .200 .085 TERMINAL STYLE 1 SINGLE SOLDER TURRET TERMINAL STYLE 2 DOUBLE SOLDER TURRET TERMINAL STYLE 3 QUICK CONNECT MATES WITH AMP .058” RECEPTACLES TERMINAL STYLE 4 PRINTED CIRCUIT PIN 0.150" LONG TERMINAL STYLE 5 PRINTED CIRCUIT PIN 0.270" LONG TERMINAL STYLE 6 PRINTED CIRCUIT PIN 0.090" LONG TERMINAL STYLE 7 RIGHT ANGLE PRINTED CIRCUIT PIN TERMINAL STYLE 9 RIGHT ANGLE, OPPOSITE OF 7 NC 24 AWG BLUE NO 24 AWG RED C 24 AWG YELLOW (OVAL HOLE) (OVAL HOLE) |