전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9396 데이터시트(PDF) 104 Page - STMicroelectronics

부품명 L9396
상세설명  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 데이터시트(HTML) 104 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 100Page - STMicroelectronics L9396 Datasheet HTML 101Page - STMicroelectronics L9396 Datasheet HTML 102Page - STMicroelectronics L9396 Datasheet HTML 103Page - STMicroelectronics L9396 Datasheet HTML 104Page - STMicroelectronics L9396 Datasheet HTML 105Page - STMicroelectronics L9396 Datasheet HTML 106Page - STMicroelectronics L9396 Datasheet HTML 107Page - STMicroelectronics L9396 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 109 page
background image
Package information
L9396
104/109
DS12539 Rev 6
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
9.1
TQFP64 (10x10x1 mm exp. pad down) package information
Figure 26. TQFP64 (10x10x1 mm exp. pad down) package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More