전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9691 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 L9691
상세설명  Automotive 16 channels chip for advanced airbag applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9691 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button L9691 Datasheet HTML 12Page - STMicroelectronics L9691 Datasheet HTML 13Page - STMicroelectronics L9691 Datasheet HTML 14Page - STMicroelectronics L9691 Datasheet HTML 15Page - STMicroelectronics L9691 Datasheet HTML 16Page - STMicroelectronics L9691 Datasheet HTML 17Page - STMicroelectronics L9691 Datasheet HTML 18Page - STMicroelectronics L9691 Datasheet HTML 19Page - STMicroelectronics L9691 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
4
Applicative circuit
An example of a dual chip/master-slave application scenario is shown in Figure 3, in which two microcontrollers
are present, one connected to the master (primary micro) and one to the slave (secondary).
Figure 3. Example of dual chip/master-slave scenario
L9691
Applicative circuit
DB4803 - Rev 2
page 16/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24