전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99LD20 데이터시트(PDF) 56 Page - STMicroelectronics

부품명 L99LD20
상세설명  High power LED driver for automotive applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD20 데이터시트(HTML) 56 Page - STMicroelectronics

Back Button L99LD20 Datasheet HTML 52Page - STMicroelectronics L99LD20 Datasheet HTML 53Page - STMicroelectronics L99LD20 Datasheet HTML 54Page - STMicroelectronics L99LD20 Datasheet HTML 55Page - STMicroelectronics L99LD20 Datasheet HTML 56Page - STMicroelectronics L99LD20 Datasheet HTML 57Page - STMicroelectronics L99LD20 Datasheet HTML 58Page - STMicroelectronics L99LD20 Datasheet HTML 59Page - STMicroelectronics L99LD20 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
Package information
L99LD20
56/61
DS11366 Rev 3
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
7.1
QFN-40L 6x6 package information
Figure 14.
QFN-40L 6x6 package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61