전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L99VR01 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 L99VR01
상세설명  Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR01 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button L99VR01 Datasheet HTML 23Page - STMicroelectronics L99VR01 Datasheet HTML 24Page - STMicroelectronics L99VR01 Datasheet HTML 25Page - STMicroelectronics L99VR01 Datasheet HTML 26Page - STMicroelectronics L99VR01 Datasheet HTML 27Page - STMicroelectronics L99VR01 Datasheet HTML 28Page - STMicroelectronics L99VR01 Datasheet HTML 29Page - STMicroelectronics L99VR01 Datasheet HTML 30Page - STMicroelectronics L99VR01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
ID
Description
SR covered
SM6
RST reset assertion in case ofVO
undervoltage detection
SR-003
In addition to the internal watchdog for checking the correct operation of the microcontroller, it can be considered
a system-level safety mechanism.
More details about functional safety can be found in the device safety manual, provided on customer request.
L99VR01
Functional safety management
DS13649 - Rev 3
page 27/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47