전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

COM90C66 데이터시트(PDF) 46 Page - SMSC Corporation

부품명 COM90C66
상세설명  ARCNET Controller/Transceiver with AT Interface and On-Chip RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM90C66 데이터시트(HTML) 46 Page - SMSC Corporation

Back Button COM90C66 Datasheet HTML 42Page - SMSC Corporation COM90C66 Datasheet HTML 43Page - SMSC Corporation COM90C66 Datasheet HTML 44Page - SMSC Corporation COM90C66 Datasheet HTML 45Page - SMSC Corporation COM90C66 Datasheet HTML 46Page - SMSC Corporation COM90C66 Datasheet HTML 47Page - SMSC Corporation COM90C66 Datasheet HTML 48Page - SMSC Corporation COM90C66 Datasheet HTML 49Page - SMSC Corporation COM90C66 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
46
OPERATIONAL DESCRIPTION
MAXIMUM GUARANTEED RATINGS*
Operating Temperature Range......................................................................................... 0
o
C to +70
o
C
Storage Temperature Range....................................................................................... -55
o
C to +150
o
C
Lead Temperature (soldering, 10 seconds) ............................................................................... +325
o
C
Positive Voltage on any pin, with respect to ground................................................................VCC+0.3V
Negative Voltage on any pin, with respect to ground .................................................................... -0.3V
Maximum VCC................................................................................................................................ +7V
*Stresses above those listed may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other condition above those indicated in the
operational sections of this specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the
Absolute Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit
voltage spikes or "glitches" on their outputs when the AC power is switched on or off. In addition,
voltage transients on the AC power line may appear on the DC output. If this possibility exists it is
suggested that a clamp circuit be used.
DC ELECTRICAL CHARACTERISTICS (TA = 0
o
C to 70
o
C, VCC = 5.0V ± 5%)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
COMMENTS
Low Input Voltage 1
(All inputs except
XTAL1, RESET, AEN,
nIOR, nIOW, nMEMR,
nMEMW)
High Input Voltage 1
(All inputs except
XTAL1, RESET, AEN,
nIOR,
nIOW,
nMEMnR,
nMEMW)
VIL1
VIH1
2.0
0.8
V
V
TTL Levels
TTL Levels
Low Input Voltage 2
(XTAL1)
High Input Voltage 2
(XTAL1)
VIL2
VIH2
4.0
1.0
V
V
TTL Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com