| 전자부품 데이터시트 검색엔진 |
|
STA8090FG 데이터시트(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8090FG 데이터시트(HTML) 15 Page - STMicroelectronics |
|
15 / 41 page ![]() DS10719 Rev 6 15/41 STA8090FG Pin description 40 2.7 Multimedia card pins UART2_TX VDDIO_R1 O AF0 (default) UART2_TX UART 2 Tx data / BOOT0 C5 I/O AF1 GPIO29 General purpose I/O #29 O AF2 I2C_CLK I2C clock I/O AF3 MMC_D3 Multimedia card data 2 USB_DM VDDIO_R2 USB AF0 USB_DM USB D- signal H1 I AF1 (default) UART1_RX UART1 Rx data I AF2 CAN1_RX(1) CAN1 receive data input I/O AF3 I2C_SD I2C serial data USB_DP VDDIO_R2 USB AF0 USB_DP USB D+ signal G1 O AF1 (default) UART1_TX UART1 Tx data O AF2 CAN1_TX(1) CAN1 transmit data output O AF3 I2C_CLK I2C clock 1. Only for STA8090FGB and STA8090FGBD. Table 7. Communication interface pins (continued) Symbol I/O voltage I/O Alternative function Function Description STA8090FG Table 8. Multimedia card pins Symbol I/O voltage I/O Alternative function Function Description STA8090FG MMC_CLK VDDIO_R2 O AF0 (default) MMC_CLK Multimedia Clock line H4 O AF1 i2s_out_lrclk MSP left/right clock output I AF2 Timer_ICAPA Extended Function Timer - Input Capture A I/O AF3 GPIO4 General purpose I/O #4 MMC_CMD VDDIO_R2 I/O AF0 (default) MMC_CMD Multimedia card command line J4 O AF1 i2s_out_sdata MSP serial data output O AF2 CAN0_TX(1) CAN0 transmit data output I/O AF3 GPIO5 General purpose I/O #5 |