전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNH7100BAS 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 VNH7100BAS
상세설명  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100BAS 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button VNH7100BAS Datasheet HTML 6Page - STMicroelectronics VNH7100BAS Datasheet HTML 7Page - STMicroelectronics VNH7100BAS Datasheet HTML 8Page - STMicroelectronics VNH7100BAS Datasheet HTML 9Page - STMicroelectronics VNH7100BAS Datasheet HTML 10Page - STMicroelectronics VNH7100BAS Datasheet HTML 11Page - STMicroelectronics VNH7100BAS Datasheet HTML 12Page - STMicroelectronics VNH7100BAS Datasheet HTML 13Page - STMicroelectronics VNH7100BAS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Electrical specifications
VNH7100BAS
10/39
DocID029596 Rev 2
Table 7. Logic inputs (INA, INB, PWM) (VCC = 7 V up to 28 V; -40°C < Tj < 150°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
VIH
Input high level voltage
2.1
V
VIHYST
Input hysteresis voltage
0.2
V
VICL
Input clamp voltage
IIN = 1 mA
5.3
7.2
V
IIN = -1 mA
-0.7
V
IINL
Input current
VIN = 0.9 V
1
μA
IINH
Input current
VIN = 2.1 V
10
μA
SEL0 (VCC = 7 V up to 18 V; -40°C < Tj < 150°C)
VSELL
Input low level voltage
0.9
V
ISELL
Low level input current
VSEL = 0.9 V
1
μA
VSELH
Input high level voltage
2.1
V
ISELH
High level input current
VSEL = 2.1 V
10
μA
VSEL(hyst) Input hysteresis voltage
0.2
V
VSELCL
Input clamp voltage
ISEL = 1 mA
5.3
7.5
V
ISEL = -1 mA
-0.8
V
PWM (VCC= 7 V up to 28 V; -40°C < Tj < 150°C)
VPWM
Input low level voltage
0.9
V
IPWM
Low level input current
VPWM = 0.9 V
1
μA
VPWM
Input high level voltage
2.1
V
IPWMH
High level input current
VPWM = 2.1 V
10
μA
VPWM(hyst) Input hysteresis voltage
0.2
V
VPMWCL
Input clamp voltage
IPWM = 1 mA
5.3
7.2
V
IPWM = -1 mA
-0.7
V
Table 8. Switching (VCC = 13 V; RLOAD = 5.2 Ω)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
f(1)
1. Parameter guaranteed by design and characterization; not subjected to production test.
PWM frequency
0
20
kHz
td(on)
Turn-on delay time
Input rise time < 1μs (see Figure 6)20
μs
td(off)
Turn-off delay time
Input rise time < 1μs (see Figure 6)13
μs
tr
Rise time
See Figure 5
0.7
1.5
μs
tf
Fall time
See Figure 5
0.2
0.5
μs
tcross
Low-side turn-on delay
time
Input rise time < 1 μs (see Figure 7)
40
150
350
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com