전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VNHD7012AY 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 VNHD7012AY
상세설명  H-bridge motor driver for automotive DC motor driving
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNHD7012AY 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button VNHD7012AY Datasheet HTML 35Page - STMicroelectronics VNHD7012AY Datasheet HTML 36Page - STMicroelectronics VNHD7012AY Datasheet HTML 37Page - STMicroelectronics VNHD7012AY Datasheet HTML 38Page - STMicroelectronics VNHD7012AY Datasheet HTML 39Page - STMicroelectronics VNHD7012AY Datasheet HTML 40Page - STMicroelectronics VNHD7012AY Datasheet HTML 41Page - STMicroelectronics VNHD7012AY Datasheet HTML 42Page - STMicroelectronics VNHD7012AY Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Package and packing information
VNHD7012AY
40/43
DS11484 Rev 4
11.3
PowerSSO-36 marking information
Figure 25. PowerSSO-36 marking information
Note:
Engineering Samples: these samples can be clearly identified by a dedicated special
symbol in the marking of each unit. These samples are intended to be used for electrical
compatibility evaluation only; usage for any other purpose may be agreed only upon written
authorization by ST. ST is not liable for any customer usage in production and/or in reliability
qualification trials.
Note:
Commercial Samples: fully qualified parts from ST standard production with no usage
restrictions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43