| 전자부품 데이터시트 검색엔진 |
|
F39-TGR-CVL-B-10-R 데이터시트(PDF) 76 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F39-TGR-CVL-B-10-R 데이터시트(HTML) 76 Page - Omron Electronics LLC |
|
76 / 98 page ![]() 58 List of models Section 15-8 Advanced version, 14 mm resolution, Standalone unit without Flex connection Type Name Version Resolution [mm] Length [mm] Operation MS4800S-EA-014-0280 Advanced 14 mm 280 Standalone MS4800S-EA-014-0320 Advanced 14 mm 320 Standalone MS4800S-EA-014-0360 Advanced 14 mm 360 Standalone MS4800S-EA-014-0400 Advanced 14 mm 400 Standalone MS4800S-EA-014-0440 Advanced 14 mm 440 Standalone MS4800S-EA-014-0480 Advanced 14 mm 480 Standalone MS4800S-EA-014-0520 Advanced 14 mm 520 Standalone MS4800S-EA-014-0560 Advanced 14 mm 560 Standalone MS4800S-EA-014-0600 Advanced 14 mm 600 Standalone MS4800S-EA-014-0640 Advanced 14 mm 640 Standalone MS4800S-EA-014-0680 Advanced 14 mm 680 Standalone MS4800S-EA-014-0720 Advanced 14 mm 720 Standalone MS4800S-EA-014-0760 Advanced 14 mm 760 Standalone MS4800S-EA-014-0800 Advanced 14 mm 800 Standalone MS4800S-EA-014-0840 Advanced 14 mm 840 Standalone MS4800S-EA-014-0880 Advanced 14 mm 880 Standalone MS4800S-EA-014-0920 Advanced 14 mm 920 Standalone MS4800S-EA-014-0960 Advanced 14 mm 960 Standalone MS4800S-EA-014-1000 Advanced 14 mm 1000 Standalone MS4800S-EA-014-1040 Advanced 14 mm 1040 Standalone MS4800S-EA-014-1080 Advanced 14 mm 1080 Standalone MS4800S-EA-014-1120 Advanced 14 mm 1120 Standalone MS4800S-EA-014-1160 Advanced 14 mm 1160 Standalone MS4800S-EA-014-1200 Advanced 14 mm 1200 Standalone MS4800S-EA-014-1240 Advanced 14 mm 1240 Standalone MS4800S-EA-014-1280 Advanced 14 mm 1280 Standalone MS4800S-EA-014-1320 Advanced 14 mm 1320 Standalone MS4800S-EA-014-1360 Advanced 14 mm 1360 Standalone MS4800S-EA-014-1400 Advanced 14 mm 1400 Standalone MS4800S-EA-014-1440 Advanced 14 mm 1440 Standalone MS4800S-EA-014-1480 Advanced 14 mm 1480 Standalone MS4800S-EA-014-1520 Advanced 14 mm 1520 Standalone MS4800S-EA-014-1560 Advanced 14 mm 1560 Standalone MS4800S-EA-014-1600 Advanced 14 mm 1600 Standalone MS4800S-EA-014-1640 Advanced 14 mm 1640 Standalone MS4800S-EA-014-1680 Advanced 14 mm 1680 Standalone MS4800S-EA-014-1720 Advanced 14 mm 1720 Standalone MS4800S-EA-014-1760 Advanced 14 mm 1760 Standalone MS4800S-EA-014-1800 Advanced 14 mm 1800 Standalone |