| 전자부품 데이터시트 검색엔진 |
|
CSRN0815GT1R00-HP 데이터시트(PDF) 6 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSRN0815GT1R00-HP 데이터시트(HTML) 6 Page - Stackpole Electronics, Inc. |
|
6 / 9 page ![]() Rev Date: 6/21/202 6 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSR / CSRN Series Thick Film Current Sensing Resistor Stackpole Electronics, Inc. Resistive Product Solutions Reel Specifications Size Unit inches mm inches mm inches 0.374 ± 0.004 0.453 ± 0.039 mm 9.50 ± 0.10 11.50 ± 1.00 inches mm inches mm 7.008 ± 0.039 2.362 ± 0.039 0.531 ± 0.028 inches 178.00 ± 1.00 60.00 ± 1.00 13.50 ± 0.70 mm inches mm inches 0.531 ± 0.039 0.610 ± 0.039 mm 13.50 ± 1.00 15.50 ± 1.00 inches mm inches mm 0.689 ± 0.039 0.768 ± 0.039 inches 17.50 ± 1.00 19.50 ± 1.00 mm 0830 A 0815 0201 0402 0603 0805 1206 2010 2512 1225 B C W T 1210 |