7 / 18 page  7 S3076 MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT October 23, 2000 / Revision A Table 5. Pin Assignment and Descriptions (Continued) e m a N n i Pl e v e LO / I# n i Pn o i t p i r c s e D T U O T S E TO 3 2. n o i t a r e p o l a m r o n r o f n e p o e v a e L . t u p t u O t s e T C C V AV 3 . 3 +I 7 3 2 4 . y l p p u s r e w o p g o l a n A D N G AD N GI 3 4 , 1 4 , 8 3. n o i t c e n n o c D N G g o l a n A C C VV 3 . 3 +I , 9 , 5 , 1 , 4 2 , 1 2 , 9 2 , 6 2 8 4 , 5 3 , 2 3 . y l p p u S r e w o P D N GD N GI , 1 1 , 8 , 4 , 3 1 , 2 1 , 2 2 , 4 1 , 0 3 , 5 2 4 4 , 6 3 , 1 3 . n o i t c e n n o c d n u o r G t n e m n g i s s A d a P # d a Pr e t n e C d a Pe m a N n i P # d a Pr e t n e C d a Pe m a N n i P 1) 5 2 4 . 2 7 , 0 0 9 . 6 5 7 (C C V4 1) 0 0 9 . 8 6 8 , 5 7 3 . 1 5 7 3 (D N G 2) 5 2 4 . 2 7 , 0 0 9 . 1 6 8 (T U O T S E T5 1) 0 0 9 . 3 7 9 , 5 7 3 . 1 5 7 3 (T E D K C O L 3) 5 2 4 . 2 7 , 0 0 9 . 6 6 9 (D N G6 1) 0 0 9 . 8 7 0 1 , 5 7 3 . 1 5 7 3 (C C V 4) 5 2 4 . 2 7 , 0 0 9 . 6 0 8 1 (C C V7 1) 0 0 9 . 3 0 6 1 , 5 7 3 . 1 5 7 3 (D N G 5) 5 2 4 . 2 7 , 0 0 9 . 1 1 9 1 (0 L E S E T A R8 1) 0 0 9 . 8 0 7 1 , 5 7 3 . 1 5 7 3 (N K L C F E R 6) 5 2 4 . 2 7 , 0 0 9 . 6 1 0 2 (1 L E S E T A R9 1) 0 0 9 . 3 1 8 1 , 5 7 3 . 1 5 7 3 (P K L C F E R 7) 5 2 4 . 2 7 , 0 0 9 . 1 2 1 2 (L E S F E R0 2) 0 0 9 . 8 1 9 1 , 5 7 3 . 1 5 7 3 (C C V 8) 5 2 4 . 2 7 , 0 0 9 . 6 2 2 2 (N F E R K C L1 2) 0 0 9 . 8 5 7 2 , 5 7 3 . 1 5 7 3 (D N G 9) 5 2 4 . 2 7 , 0 0 9 . 1 3 3 2 (T S R2 2) 0 0 9 . 3 6 8 2 , 5 7 3 . 1 5 7 3 (P I T A D R E S 0 1) 5 2 4 . 2 7 , 0 0 9 . 6 3 4 2 (K L C T S E T3 2) 0 0 9 . 8 6 9 2 , 5 7 3 . 1 5 7 3 (N I T A D R E S 1 1) 5 2 4 . 2 7 , 0 0 9 . 1 4 5 2 (D N G4 2) 0 0 9 . 3 7 0 3 , 5 7 3 . 1 5 7 3 (C C V 2 1) 5 2 4 . 2 7 , 0 0 9 . 1 7 1 3 (D N G5 2) 5 7 3 . 1 7 8 3 , 0 0 9 . 1 7 1 3 (C C V 3 1) 0 0 9 . 6 5 7 , 5 7 3 . 1 5 7 3 (D N G6 2) 5 7 3 . 1 7 8 3 , 0 0 9 . 6 6 0 3 (N E T S E T |
|