| 전자부품 데이터시트 검색엔진 |
|
FDA803U-KBX 데이터시트(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FDA803U-KBX 데이터시트(HTML) 61 Page - STMicroelectronics |
|
61 / 76 page ![]() DS12497 Rev 2 61/76 FDA803U I2C register 75 14 I2C register 14.1 Instruction bytes- “I00xxxxx” Table 13. IB0-ADDR: “I0000000” Data bit Default value Definition D7 0 Lock bit: 0 - Write on IBs is enable 1 - Write on IBs is disable D6 00 Digital input settings: D5 D4-D1 0000 4 bits for channel position selection for I2S standard, TDM4, 8 and 16: D4-D1 Position selection 0000 slot 0 (TDM mode) - right ch. (I2S mode 0001 slot 1 (TDM mode) - left ch. (I2S mode) 0010 slot 2 (TDM mode) 0011 slot 3 (TDM mode) 0100 slot 4 (TDM 8 and 16 mode) 0101 slot 5 (TDM 8 and 16 mode) 0110 slot 6 (TDM 8 and 16 mode) 0111 slot 7 (TDM 8 and 16 mode) 1000 slot 8 (TDM 16 mode) 1001 slot 9 (TDM 16 mode) 1010 slot 10 (TDM 16 mode) 1011 slot 11 (TDM 16 mode) 1100 slot 12 (TDM 16 mode) 1101 slot 13 (TDM 16 only) 1110 slot 14 (TDM 16 only) 1111 slot 15 (TDM 16 only) D0 0 0 - Standard voltage mode 1 - Low voltage mode D6-D5 Input setting 00 I2S standard 01 TDM – 4 CHs 10 TDM – 8 CHs 11 TDM – 16 CHs |