전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDA901-VYY 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 FDA901-VYY
상세설명  4 x 50 W class-D digital input automotive power amplifier with load current monitoring and low voltage operation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA901-VYY 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button FDA901-VYY Datasheet HTML 8Page - STMicroelectronics FDA901-VYY Datasheet HTML 9Page - STMicroelectronics FDA901-VYY Datasheet HTML 10Page - STMicroelectronics FDA901-VYY Datasheet HTML 11Page - STMicroelectronics FDA901-VYY Datasheet HTML 12Page - STMicroelectronics FDA901-VYY Datasheet HTML 13Page - STMicroelectronics FDA901-VYY Datasheet HTML 14Page - STMicroelectronics FDA901-VYY Datasheet HTML 15Page - STMicroelectronics FDA901-VYY Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Figure 4. Exposed-pad groove's shapes
GADG2108170827PS
4.2
LQFP64 (10x10x1.4 mm exp. pad up) marking information
Figure 5. LQFP64 (10x10x1.4 mm exp. pad up) marking information
LQFP/TQFP 64 TOP VIEW
(not in scale)
Marking area
Last two digits
ES: Engineering sample
<blank>: Commercial sample
GAPG2204150842PS_ES
Parts marked as ‘ES’ are not yet qualified and therefore not approved for use in production. ST is not responsible
for any consequences resulting from such use. In no event will ST be liable for the customer using any of these
engineering samples in production. ST’s Quality department must be contacted prior to any decision to use these
engineering samples to run a qualification activity.
FDA901
LQFP64 (10x10x1.4 mm exp. pad up) marking information
DB3856 - Rev 1
page 12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17