전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDA903U-KBX 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 FDA903U-KBX
상세설명  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903U-KBX 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button FDA903U-KBX Datasheet HTML 14Page - STMicroelectronics FDA903U-KBX Datasheet HTML 15Page - STMicroelectronics FDA903U-KBX Datasheet HTML 16Page - STMicroelectronics FDA903U-KBX Datasheet HTML 17Page - STMicroelectronics FDA903U-KBX Datasheet HTML 18Page - STMicroelectronics FDA903U-KBX Datasheet HTML 19Page - STMicroelectronics FDA903U-KBX Datasheet HTML 20Page - STMicroelectronics FDA903U-KBX Datasheet HTML 21Page - STMicroelectronics FDA903U-KBX Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
Electrical specifications
FDA903U
18/80
DS12498 Rev 2
Figure 18. Efficiency and power dissipation
(Vs = 3.3 V, RL = 1 x 2 Ω, f = 1 kHz sine wave)
Figure 19. Efficiency and power dissipation
(Vs = 3.3 V, RL = 1 x 2 Ω, pink noise)
Figure 20. Efficiency and power dissipation
(Vs = 3.3 V, RL = 1 x 8 Ω, f = 1 kHz sine wave)
Figure 21. Efficiency and power dissipation
(Vs = 3.3 V, RL = 1 x 8 Ω, pink noise)
Figure 22. Output power vs. supply voltage
(RL = 4 Ω, sine wave)
Figure 23. Output power vs. supply voltage
(RL = 2 Ω, sine wave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80