전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA660 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STA660
상세설명  DAB/DAB/DMB-A multi-standard digital radio decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA660 데이터시트(HTML) 5 Page - STMicroelectronics

  STA660 Datasheet HTML 1Page - STMicroelectronics STA660 Datasheet HTML 2Page - STMicroelectronics STA660 Datasheet HTML 3Page - STMicroelectronics STA660 Datasheet HTML 4Page - STMicroelectronics STA660 Datasheet HTML 5Page - STMicroelectronics STA660 Datasheet HTML 6Page - STMicroelectronics STA660 Datasheet HTML 7Page - STMicroelectronics STA660 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Table 3. TFBGA289 (15x15x1.2 mm) mechanical data
Symbol
Dimensions (mm)
Min
Typ
Max
A
–
–
1.20
A1
0.21
–
–
A2
–
0.20
–
A4
–
–
0.62
b
0.35
0.40
0.48
D
14.85
15.00
15.15
D1
–
12.80
–
E
14.85
15.00
15.15
E1
–
12.80
–
e
–
0.80
–
Z
–
1.10
–
ddd
–
–
0.10
eee
–
–
0.15
fff
–
–
0.08
STA660
TFBGA289 (15x15x1.2 mm) package information
DB3863 - Rev 1
page 5/8



Html Pages

1 2 3 4 5 6 7 8