전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7577BLV 데이터시트(PDF) 19 Page - STMicroelectronics

부품명 TDA7577BLV
상세설명  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLV 데이터시트(HTML) 19 Page - STMicroelectronics

Back Button TDA7577BLV Datasheet HTML 15Page - STMicroelectronics TDA7577BLV Datasheet HTML 16Page - STMicroelectronics TDA7577BLV Datasheet HTML 17Page - STMicroelectronics TDA7577BLV Datasheet HTML 18Page - STMicroelectronics TDA7577BLV Datasheet HTML 19Page - STMicroelectronics TDA7577BLV Datasheet HTML 20Page - STMicroelectronics TDA7577BLV Datasheet HTML 21Page - STMicroelectronics TDA7577BLV Datasheet HTML 22Page - STMicroelectronics TDA7577BLV Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
DocID025375 Rev 5
19/43
TDA7577BLV
Diagnostics functional description
42
4.2
Permanent diagnostics
Detectable conventional faults are:
SHORT TO GND
SHORT TO Vs
SHORT ACROSS THE SPEAKER
The following additional feature is provided:
OUTPUT OFFSET DETECTION
The TDA7577BLV has 2 operating status:
1.
RESTART mode. The diagnostic is not enabled. Each audio channel operates
independently of each other. If any of the a.m. faults occurs, only the channel(s)
interested is shut down. A check of the output status is made every 1 ms (Figure 29).
Restart takes place when the overload is removed.
2.
DIAGNOSTIC mode. It is enabled via I2C bus and it self activates if an output overload
(such as to cause the intervention of the short-circuit protection) occurs to the speakers
outputs. Once activated, the diagnostics procedure develops as follows (Figure 30):
–
To avoid momentary re-circulation spikes from giving erroneous diagnostics, a
check of the output status is made after 1ms: if normal situation (no overloads) is
detected, the diagnostic is not performed and the channel returns active.
–
Instead, if an overload is detected during the check after 1 ms, then a diagnostic
cycle having a duration of about 100 ms is started.
–
After a diagnostic cycle, the audio channel interested by the fault is switched to
RESTART mode. The relevant data are stored inside the device and can be read
by the microprocessor. When one cycle has terminated, the next one is activated
by an I2C reading. This is to ensure continuous diagnostics throughout the car-
radio operating time.
–
To check the status of the device a sampling system is needed. The timing is
chosen at microprocessor level (more than half a second is recommended).
Figure 29. Restart timing without diagnostic enable (permanent) each 1ms time, a
sampling of the fault is done
Figure 30. Restart timing with diagnostic enable (permanent)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com