전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7803A 데이터시트(PDF) 46 Page - STMicroelectronics

부품명 TDA7803A
상세설명  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7803A 데이터시트(HTML) 46 Page - STMicroelectronics

Back Button TDA7803A Datasheet HTML 42Page - STMicroelectronics TDA7803A Datasheet HTML 43Page - STMicroelectronics TDA7803A Datasheet HTML 44Page - STMicroelectronics TDA7803A Datasheet HTML 45Page - STMicroelectronics TDA7803A Datasheet HTML 46Page - STMicroelectronics TDA7803A Datasheet HTML 47Page - STMicroelectronics TDA7803A Datasheet HTML 48Page - STMicroelectronics TDA7803A Datasheet HTML 49Page - STMicroelectronics TDA7803A Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
I2C registers
TDA7803A
46/72
DS12195 Rev 7
10
I2C registers
10.1
Instruction byte
10.1.1
IB0 - Subaddress "I0000000h" - default = "00000000"
Table 16. IB0 - Subaddress "I0000000h" - default = "00000000"
Bit
Instruction decoding bit
D7
Channel 4 Tristate Mode
0: off
1: on
D6
Channel 3 Tristate Mode
0: off
1: on
D5
Channel 2 Tristate Mode
0: off
1: on
D4
Channel 1 Tristate Mode
0: off
1: on
D3
Channel 4 Amplifier Mode
0: High Efficiency SBI mode
1: Standard Class AB Mode
D2
Channel 3 Amplifier Mode
0: High Efficiency SBI mode
1: Standard Class AB Mode
D1
Channel 2 Amplifier Mode
0: High Efficiency SBI mode
1: Standard Class AB Mode
D0
Channel 1 Amplifier Mode
0: High Efficiency SBI mode
1: Standard Class AB Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72