| 전자부품 데이터시트 검색엔진 |
|
TDA7803A-QLX 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7803A-QLX 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 72 page ![]() I2C registers TDA7803A 52/72 DS12195 Rev 7 10.1.7 IB6 - Subaddress "I0000110h" - default = "00000000" Table 22. IB6 - Subaddress "I0000110h" - default = "00000000" Bit Instruction decoding bit D7 D6 D5 Diagnostic pulse stretch D4 Internal use – set “0” D3 D2 Parallel mode Configuration D3 D2 (like LOADA,LOADB): D1 Internal use – set “0” D0 Internal use – set “0” D7 D6 D5 Diagnostic timing set 00 0 Default 0 0 1 Streched*2 0 1 0 Streched*4 0 1 1 Streched*8 1 0 0 Streched*16 Others Default D3 D2 Load configuration 0 0 Single channel mode on 1,2,3 & 4 channel 0 1 Parallel mode only on 1 & 2 channels 1 0 Parallel mode only on 3 & 4 channels 1 1 Parallel mode on both sides |