전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7808-ZST 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 TDA7808-ZST
상세설명  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808-ZST 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button TDA7808-ZST Datasheet HTML 18Page - STMicroelectronics TDA7808-ZST Datasheet HTML 19Page - STMicroelectronics TDA7808-ZST Datasheet HTML 20Page - STMicroelectronics TDA7808-ZST Datasheet HTML 21Page - STMicroelectronics TDA7808-ZST Datasheet HTML 22Page - STMicroelectronics TDA7808-ZST Datasheet HTML 23Page - STMicroelectronics TDA7808-ZST Datasheet HTML 24Page - STMicroelectronics TDA7808-ZST Datasheet HTML 25Page - STMicroelectronics TDA7808-ZST Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
I2S and TDM bus interface
TDA7808
22/39
DS12230 Rev 4
Figure 28. TDM 8-channel format
The TDM 8 channel is expansible to TDM 16 channel (Figure 29) where both SD24 and
SD13 data lines are used. All the configurations are selectable via I2C.
Figure 29. TDM 16 (8+8) - channel format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39